| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 104 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 104 Page - Renesas Technology Corp |
|
104 / 646 page ![]() Section 5 Exception Handling Rev. 6.00 Jun. 12, 2007 Page 72 of 610 REJ09B0131-0600 5.4 Interrupts 5.4.1 Interrupt Sources Table 5.7 shows the sources that start the interrupt exception handling. They are NMI, user break, H-UDI, IRQ and on-chip peripheral modules. Table 5.7 Interrupt Sources Type Request Source Number of Sources NMI NMI pin (external input) 1 User break User break controller (UBC) 1 H-UDI User debug interface (H-UDI) 1 IRQ IRQ0 to IRQ7 pins (external input) 8 On-chip peripheral module Watchdog timer (WDT) 1 Ether controller (EtherC and E-DMAC) 1 Compare match timer (CMT0 and CMT1) 2 FIFO on-chip serial communication interface (SCIF0, SCIF1, and SCIF2) 12 Host interface (HIF) 2 All interrupt sources are given different vector numbers and vector table address offsets. For details on vector numbers and vector table address offsets, see table 6.2, Interrupt Exception Handling Vectors and Priorities in section 6, Interrupt Controller (INTC). |