Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618 Datasheet(PDF) 107 Page - Renesas Technology Corp

No. de pieza HD6417618
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 103Page - Renesas Technology Corp HD6417618 Datasheet HTML 104Page - Renesas Technology Corp HD6417618 Datasheet HTML 105Page - Renesas Technology Corp HD6417618 Datasheet HTML 106Page - Renesas Technology Corp HD6417618 Datasheet HTML 107Page - Renesas Technology Corp HD6417618 Datasheet HTML 108Page - Renesas Technology Corp HD6417618 Datasheet HTML 109Page - Renesas Technology Corp HD6417618 Datasheet HTML 110Page - Renesas Technology Corp HD6417618 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 646 page
background image
Section 5 Exception Handling
Rev. 6.00 Jun. 12, 2007 Page 75 of 610
REJ09B0131-0600
5.5.3
Illegal Slot Instructions
An instruction placed immediately after a delayed branch instruction is called “instruction placed
in a delay slot”. When the instruction placed in the delay slot is an undefined code, illegal slot
exception handling starts after the undefined code is decoded. Illegal slot exception handling also
starts when an instruction that changes the program counter (PC) value is placed in a delay slot
and the instruction is decoded. The CPU handles an illegal slot instruction as follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value saved is the target address of the
delayed branch instruction immediately before the undefined code or the instruction that
rewrites the PC.
3. The start address of the exception handling routine is fetched from the exception handling
vector table that corresponds to the exception that occurred. Program execution branches to
that address and the program starts. This branch is not a delayed branch.
5.5.4
General Illegal Instructions
When an undefined code placed anywhere other than immediately after a delayed branch
instruction (i.e., in a delay slot) is decoded, general illegal instruction exception handling starts.
The CPU handles the general illegal instructions in the same procedures as in the illegal slot
instructions. Unlike processing of illegal slot instructions, however, the program counter value that
is stacked is the start address of the undefined code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More