| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 154 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 154 Page - Renesas Technology Corp |
|
154 / 646 page ![]() Section 7 Bus State Controller (BSC) Rev. 6.00 Jun. 12, 2007 Page 122 of 610 REJ09B0131-0600 • CS3WCR Bit Bit Name Initial Value R/W Description 31 to 21 All 0 R Reserved These bits are always read as 0. The write value should always be 0. 20 BAS 0 R/W Byte Access Selection for Byte-Selection SRAM Specifies the WEn (BEn) and RD/WR signal timing when the byte-selection SRAM interface is used. 0: Asserts the WEn (BEn) signal at the read/write timing (signal used as strobe) and asserts the RD/ WR signal during the write access cycle (signal used as status) 1: Asserts the WEn (BEn) signal during the read/write access cycle (used as status) and asserts the RD/ WR signal at the write timing (used as strobe) 19 to 11 All 0 R Reserved These bits are always read as 0. The write value should always be 0. 10 9 8 7 WR3 WR2 WR1 WR0 1 0 1 0 R/W R/W R/W R/W Number of Access Wait Cycles Specify the number of wait cycles that are necessary for read access. 0000: 0 cycle 0001: 1 cycle 0010: 2 cycles 0011: 3 cycles 0100: 4 cycles 0101: 5 cycles 0110: 6 cycles 0111: 8 cycles 1000: 10 cycles 1001: 12 cycles 1010: 14 cycles 1011: 18 cycles 1100: 24 cycles 1101: Reserved (setting prohibited) 1110: Reserved (setting prohibited) 1111: Reserved (setting prohibited) |