Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD6417618 Datasheet(PDF) 158 Page - Renesas Technology Corp

No. de pieza HD6417618
Descripción Electrónicos  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 154Page - Renesas Technology Corp HD6417618 Datasheet HTML 155Page - Renesas Technology Corp HD6417618 Datasheet HTML 156Page - Renesas Technology Corp HD6417618 Datasheet HTML 157Page - Renesas Technology Corp HD6417618 Datasheet HTML 158Page - Renesas Technology Corp HD6417618 Datasheet HTML 159Page - Renesas Technology Corp HD6417618 Datasheet HTML 160Page - Renesas Technology Corp HD6417618 Datasheet HTML 161Page - Renesas Technology Corp HD6417618 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 126 of 610
REJ09B0131-0600
• CS5BWCR
Bit
Bit Name
Initial
Value
R/W
Description
31 to 19
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
18
17
16
WW2
WW1
WW0
0
0
0
R/W
R/W
R/W
Number of Write Access Wait Cycles
Specify the number of cycles that are necessary for write
access.
000: Same number of cycles as WR3 to WR0 setting
(read access wait)
001: 0 cycle
010: 1 cycle
011: 2 cycles
100: 3 cycles
101: 4 cycles
110: 5 cycles
111: 6 cycles
15 to 13
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
12
11
SW1
SW0
0
0
R/W
R/W
Number of Delay Cycles from Address,
CSn Assertion to
RD, WEn (BEn) Assertion
Specify the number of delay cycles from address and
CSn assertion to RD and WEn (BEn) assertion.
00: 0.5 cycles
01: 1.5 cycles
10: 2.5 cycles
11: 3.5 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More