| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD6417618 Datasheet(PDF) 160 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 160 Page - Renesas Technology Corp |
|
160 / 646 page ![]() Section 7 Bus State Controller (BSC) Rev. 6.00 Jun. 12, 2007 Page 128 of 610 REJ09B0131-0600 • CS6BWCR Bit Bit Name Initial Value R/W Description 31 to 21 All 0 R Reserved These bits are always read as 0. The write value should always be 0. 20 BAS 0 R/W Byte Access Selection for Byte-Selection SRAM Specifies the WEn (BEn) and RD/WR signal timing when the byte-selection SRAM interface is used. 0: Asserts the WEn (BEn) signal at the read/write timing (signal used as strobe) and asserts the RD/ WR signal during the write access cycle (signal used as status) 1: Asserts the WEn (BEn) signal during the read/write access cycle (used as status) and asserts the RD/ WR signal at the write timing (used as strobe) 19 to 13 All 0 R Reserved These bits are always read as 0. The write value should always be 0. 12 11 SW1 SW0 0 0 R/W R/W Number of Delay Cycles from Address, CSn Assertion to RD, WEn (BEn) Assertion Specify the number of delay cycles from address and CSn assertion to RD and WEn (BEn) assertion. 00: 0.5 cycles 01: 1.5 cycles 10: 2.5 cycles 11: 3.5 cycles |