| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M38K07M2 Datasheet(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K07M2 Datasheet(HTML) 43 Page - Renesas Technology Corp |
|
43 / 328 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 05, 2006 page 26 of 112 38K0 Group REJ09B0337-0200 HARDWARE USB FUNCTION 38K0 Group is equipped with a USB function control circuit (USBFCC) that enables effective interfacing with the host-PC. This circuit is in compliance with USB2.0’s Full-Speed Transfer Mode (12 Mbps, equivalent to USB1.1). This circuit also supports all four transfer-types specified in the standard USB specification. The USBFCC has four endpoints that can select its transfer type. Although Endpoint 0 is fixed to Control Transfer, the Endpoints 1 to 3 can be set to Interrupt Transfer, Bulk Transfer, or Isochronous Transfer. A dedicated circuit automatically performs stage management for Control Transfer and packet management for transactions, which are necessary for matching of data transmit/receive timing, error detection, and retry after error. This dedicated control circuit en- ables the user to develop a program or timing design very easily. Each endpoint can be programmed for data transfer conditions so that the endpoints are adaptive for all USB device class transfer systems. The data buffer of each endpoint can be assigned to any area in the multi-channel RAM. This feature offers highly efficient memory usage by avoiding re-buffering and enabling simple data modifica- tion. The transmit/receive data is directly transferred to the data buffer via the control circuit (direct RAM access type) without disturbing the CPU operation. This mechanism enables the CPU to transfer data smoothly with no drop in performance. In addition to this buffer function, a double-buffer setting will keep a re-buffering stall at a minimum and increase the overall data throughput (max. 64 bytes X 2 channels). As other special signals control, the endpoints have detection functions for the USB bus reset signal, resume signal, suspend signal, and SOF signal, and also have a remote wake-up signal transmit function. When completing data transfer or receiving a special signal, the endpoint generates the corresponding interrupt to the CPU (3 vec- tors/18 factors). With all this essential yet comprehensive built-in hardware, your system using the 38K0 group will be ready for any USB applica- tion that comes its way. USB Data Transfer The USB specification promises 12 Mbps data transfer in the full- speed mode, that is equivalent to 1.5 M bytes per second of data transactions. However, in USB data transfer, bit-stuffing may be executed de- pending on the bit patterns of the transfer data, possibly resulting in 1-byte data (normally 8 bits) handled as up to 10 bits. Because USB uses asynchronous transfers, the clock cycle of the USB internal reference clock may change to adjust to the clock phase. Therefore, the access timing of the USBFCC for the multi- channel RAM will change owing to the frequency of internal clock φ: When the USBFCC is operating at φ =8 MHZ, access for a normal transfer is performed every 5 to 6 cycles and access for a bit-stuff- ing transfer is performed in up to 7 cycles. If the EXB function is enabled in the above conditions, this func- tion generates a maximum wait of 1 clock cycle, so that the access is performed every 4 to 8 cycles. When operating at φ = 6MHZ, a normal access is performed every 4 cycles. If the clock-phase correction of the reference clock oc- curs, access is performed every 3 to 5 cycles. If bit stuffing occurs at this clock rate, the access cycle will be ex- tended to up to 6 cycles. When the EXB function that generates a maximum 1-wait cycle is used in this condition, the access cycle will be 2 (min.) to 7 (max.) cycles. Fig. 23 USB function overview Interrupt request Data transmit/Receive path [Direct RAM Access Type] 38K0 Group MCU USB Bus (USB-Host) CPU Program ROM USB Multi-channel RAM Built-in Peripheral Functions External Bus Interface (EXB) |