| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M38K07M2 Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K07M2 Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 328 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 05, 2006 page 13 of 112 38K0 Group REJ09B0337-0200 HARDWARE I/O PORTS The I/O ports have direction registers which determine the input/ output direction of each individual pin. Each bit in a direction reg- ister corresponds to one pin, and each pin can be set to be input port or output port. When “0” is written to the bit corresponding to a pin, that pin be- comes an input pin. When “1” is written to that bit, that pin be- comes an output pin. If data is read from a pin set to output, the value of the port output latch is read, not the value of the pin itself. Pins set to input are floating. If a pin set to input is written to, only the port output latch is written to and the pin remains floating. Table 5 I/O ports functions Related SFRs Port P0 pull-up control register AD control register EXB control register EXB control register EXB control register Serial I/O control register EXB control register Serial I/O control register EXB control register Serial I/O control register EXB control register Serial I/O control register EXB control register Port P5 pull-up control register Interrupt edge selection register Timer X mode register Input/Output Input/output, individual bits Name Port P0 Port P1 Port P2 Port P3 Port P4 Port P5 Port P6 Pin P00–P07 P10–P17 P20–P27 P30–P32 P33/ExINT P34/ExCS P35/ExWR P36/ExRD P37/ExA0 P40/RxD/ ExDREQ P41/TxD/ ExDACK P42/SCLK/ ExTC P43/SRDY/ ExA1 P50/INT0 P52/INT1 P51/CNTR0 P53–P57 P60–P63 Non-Port Function Key-on wake up A/D conversion input External bus interface funciton I/O External bus interface funciton output External bus interface funciton input Serial I/O input External bus interface funciton output Serial I/O output External bus interface funciton input Serial I/O I/O External bus interface funciton input Serial I/O output External bus interface funciton input External interrupt input Timer X function I/O I/O Format CMOS compatible input level CMOS 3-state output CMOS compatible input level CMOS 3-state output (Power source is VCCE) CMOS compatible input level CMOS 3-state output CMOS compatible input level CMOS 3-state output (Power source is VccE) CMOS compatible input level CMOS 3-state output Diagram No. (1) (2) (3) (4) (5) (6) (7) (8) (9) (10) (11) (12) (13) (14) Note: Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction. When an input level is at an intermediate poten- tial, a current will flow from VCC to VSS through the input-stage gate. |