Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M38K07M2 Datasheet(PDF) 51 Page - Renesas Technology Corp

No. de pieza M38K07M2
Descripción Electrónicos  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K07M2 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button M38K07M2 Datasheet HTML 47Page - Renesas Technology Corp M38K07M2 Datasheet HTML 48Page - Renesas Technology Corp M38K07M2 Datasheet HTML 49Page - Renesas Technology Corp M38K07M2 Datasheet HTML 50Page - Renesas Technology Corp M38K07M2 Datasheet HTML 51Page - Renesas Technology Corp M38K07M2 Datasheet HTML 52Page - Renesas Technology Corp M38K07M2 Datasheet HTML 53Page - Renesas Technology Corp M38K07M2 Datasheet HTML 54Page - Renesas Technology Corp M38K07M2 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 34 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Fig. 33 Structure of USB function address register
b7
b0
USB function address bit
Not used
USBADD0
[6:0]
b7
0
–
0
–
USB function address register (USBA0) [address 001216]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
In AD0E = “0”, this value changes after writing.
In AD0E = “1”, this value changes after completion of
SET_ADDRESS control transferring.
Write “0” when writing.
“0” is read when reading.
0
W
R
Fig. 34 Structure of Frame number register Low
b7
b0
Frame number low bit
FNUM
[7:0]
In-
definite
In-
definite
Frame number register Low (FNUML) [address 001416]
The frame number is updated at SOF reception.
Bit name
Bit symbol
At reset
Function
H/W
S/W
O ✕
W
R
Fig. 35 Structure of Frame number register High
b7
b0
FNUM
[10:8]
b7:b3
Frame number register High (FNUMH) [address 001516]
In-
definite
–
In-
definite
–
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
Frame number high bit
Not used
The frame number is updated at SOF reception.
Write “0” when writing.
“0” is read when reading.
✕
O
–: State remaining
00
0
0
0
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com