| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M38K07M2 Datasheet(PDF) 62 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K07M2 Datasheet(HTML) 62 Page - Renesas Technology Corp |
|
62 / 328 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 05, 2006 page 45 of 112 38K0 Group REJ09B0337-0200 HARDWARE b7 b0 B0VAL02 b7:b1 – – 0 – EP02 control register 2 (EP02CON2) [address 001B16] Bit name Bit symbol At reset Function H/W S/W O O O O –: State remaining Buffer 0 enable bit Not used When the selected endpoint is IN, writing “1” to this bit makes the transmitting data a set state (SIE is possible to read). When the selected endpoint is OUT, writing “1” to this bit makes data reception possible (SIE is possible to write). Write “0” when writing. “0” is read when reading. 00 0 00 0 0 W R Fig. 57 Structure of EP02 control register 2 b7 b0 B1VAL02 b7:b1 – – 0 – EP02 control register 3 (EP02CON3) [address 001C16] Bit name Bit symbol At reset Function H/W S/W O O O O –: State remaining Buffer 1 enable bit Not used When the selected endpoint is IN, writing “1” to this bit makes the transmitting data a set state (SIE is possible to read). When the selected endpoint is OUT, writing “1” to this bit makes data reception possible (SIE is possible to write). In double buffer mode this bit is valid. Write “0” when writing. “0” is read when reading. 00 0 00 0 0 W R Fig. 58 Structure of EP02 control register 3 Fig. 59 Structure of EP02 interrupt source register b7 b0 B0RDY02 B1RDY02 ERR02 b7 to b3 0 0 0 – 0 0 0 – EP02 interrupt source register (EP02REQ) [address 001D16] Bit name Bit symbol At reset Function H/W S/W O O O O O O O O USB function/Endpoint 2 buffer 0 ready interrupt bit USB function/Endpoint 2 buffer 1 ready interrupt bit USB function/Endpoint 2 error interrupt bit Not used 0 : No interrupt request issued 1 : Interrupt request issued This bit is set to “1” when the buffer 0 is ready state (enabled to be read/written) on USB function/Endpoint 2. “0” can be set by software, but “1” cannot be set. 0 : No interrupt request issued 1 : Interrupt request issued In single buffer mode this bit is invalid. This bit is set to “1” when the buffer 1 is ready state (enabled to be read/written) on USB function/Endpoint 2 in double buffer mode. “0” can be set by software, but “1” cannot be set. 0 : No interrupt request issued 1 : Interrupt request issued This bit is set to “1” when STALL response occurs on USB function/Endpoint 2. “0” can be set by software, but “1” cannot be set. Write “0” when writing. “0” is read when reading. 00 0 00 W R |