| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M38K07M2 Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K07M2 Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 328 page ![]() Rev.2.00 Oct 05, 2006 page 6 of 112 38K0 Group REJ09B0337-0200 HARDWARE GROUP EXPANSION Mitsubishi plans to expand the 38K0 group as follows. Memory Type Support for mask ROM and flash memory versions. Memory Size Flash memory size .......................................................... 32 Kbytes Mask ROM size ............................................................... 16 Kbytes RAM size .......................................................... 1024 to 2048 bytes Packages PLQP0064GA-A ...................... 0.8 mm-pitch plastic molded LQFP PLQP0064KB-A ....................... 0.5 mm-pitch plastic molded LQFP 100D0M ........................... 0.65 mm-pitch metal seal PIGGY BACK Memory Expansion Plan Fig. 4 Memory expansion plan 256 512 1,024 2,048 8K 16K 32K 60K ROM size (bytes) RAM size (bytes) : Mass Production M38K09F8L M38K07M4L Currently products are listed below. Table 2. List of 38K0 group products (L version) As of October 2006 Remarks Package PLQP0064GA-A PLQP0064KB-A PLQP0064GA-A PLQP0064KB-A 100D0M Product M38K07M4L-XXXFP M38K07M4L-XXXHP M38K09F8LFP M38K09F8LHP M38K09RFS RAM size (bytes) 1024 2048 2048 16384 (16254) ROM size (bytes) ROM size for User in ( ) 32768 (32638) Mask ROM version Flash memory version — GROUP EXPANSION |