Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M38K07M2 Datasheet(PDF) 113 Page - Renesas Technology Corp

No. de pieza M38K07M2
Descripción Electrónicos  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K07M2 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button M38K07M2 Datasheet HTML 109Page - Renesas Technology Corp M38K07M2 Datasheet HTML 110Page - Renesas Technology Corp M38K07M2 Datasheet HTML 111Page - Renesas Technology Corp M38K07M2 Datasheet HTML 112Page - Renesas Technology Corp M38K07M2 Datasheet HTML 113Page - Renesas Technology Corp M38K07M2 Datasheet HTML 114Page - Renesas Technology Corp M38K07M2 Datasheet HTML 115Page - Renesas Technology Corp M38K07M2 Datasheet HTML 116Page - Renesas Technology Corp M38K07M2 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 96 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Fig. 124 Pin connection diagram in standard serial I/O mode (1)
P06
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
P61(LED1)
P62(LED2)
P63(LED3)
PVSS
P23
P24
PVCC
DVCC
USBVREF
TrON
D0+
D0-
P20
P21
P22
P25
P07
P40/EXDREQ/RXD
P41/EXDACK/TXD
P42/EXTC/SCLK
P43/EXA1/SRDY
P30
P31
P32
P33/EXINT
P34/EXCS
P35/EXWR
P36/EXRD
P37/EXA0
P10/DQ0/AN0
P11/DQ1/AN1
Vcc
Vss
TXD
BUSY
RXD
SCLK
Connect to oscillator circuit.
Package outline: PLQP0064GA-A, PLQP0064KB-A
(Note 1)
Notes 1: Connect to Vcc in the case of Vcc = 4.5 V to 5.25 V.
Connect to VPP (= 4.5 V to 5.25 V) in the case of Vcc = 3.0 V to 4.5 V.
2: Supply Vcc at releasimg Reset.
Mode setup method
Signal
Value
CNVss
4.5 to 5.25 V
SCLK
Vcc (Note 2)
RESET
Vss
→ Vcc
CE
Vcc (Note 2)
M38K09F8LFP/HP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com