Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 485 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 485 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 481Page - Renesas Technology Corp H8S/2454 Datasheet HTML 482Page - Renesas Technology Corp H8S/2454 Datasheet HTML 483Page - Renesas Technology Corp H8S/2454 Datasheet HTML 484Page - Renesas Technology Corp H8S/2454 Datasheet HTML 485Page - Renesas Technology Corp H8S/2454 Datasheet HTML 486Page - Renesas Technology Corp H8S/2454 Datasheet HTML 487Page - Renesas Technology Corp H8S/2454 Datasheet HTML 488Page - Renesas Technology Corp H8S/2454 Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 455 of 1342
REJ09B0467-0100
(4) Transfer Abort by NMI Interrupt
DMA transfer is aborted when an NMI interrupt is generated. The EDA bit is cleared to 0 in all
channels. In external request mode, DMA transfer is performed for all transfer requests for which
EDRAK has been output. In dual address mode, processing is executed for the write cycle
following the read cycle.
In block transfer mode, operation is aborted even in the middle of a block-size transfer. As the
transfer is halted midway through a block, the BEF bit in EDMDR is set to 1 to indicate that the
block transfer was not carried out normally.
When transfer is aborted, register values are retained, and as the address registers indicate the next
transfer addresses, transfer can be resumed by setting the EDA bit to 1 in EDMDR. If the BEF bit
is 1 in EDMDR, transfer can be resumed from midway through a block.
(5) Hardware Standby Mode and Reset Input
The EXDMAC is initialized in hardware standby mode and by a reset. DMA transfer is not
guaranteed in these cases.
8.4.13
Relationship between EXDMAC and Other Bus Masters
The read and write operations in a DMA transfer cycle are indivisible, and a refresh cycle, external
bus release cycle, or internal bus master (CPU, DTC, or DMAC) external space access cycle never
occurs between the two.
When read and write cycles occur consecutively, as in burst transfer or block transfer, a refresh or
external bus release state may be inserted after the write cycle. As the internal bus masters are of
lower priority than the EXDMAC, external space accesses by internal bus masters are not
executed until the EXDMAC releases the bus.
The EXDMAC releases the bus in the following cases:
1. When DMA transfer is performed in cycle steal mode
2. When switching to a different channel
3. When transfer ends in burst transfer mode
4. When transfer of one block ends in block transfer mode
5. When burst transfer or block transfer is performed with the BGUP bit in EDMDR set to 1
(however, the bus is not released between read and write cycles)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com