Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2454 Datasheet(PDF) 488 Page - Renesas Technology Corp

No. de pieza H8S/2454
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2454 Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button H8S/2454 Datasheet HTML 484Page - Renesas Technology Corp H8S/2454 Datasheet HTML 485Page - Renesas Technology Corp H8S/2454 Datasheet HTML 486Page - Renesas Technology Corp H8S/2454 Datasheet HTML 487Page - Renesas Technology Corp H8S/2454 Datasheet HTML 488Page - Renesas Technology Corp H8S/2454 Datasheet HTML 489Page - Renesas Technology Corp H8S/2454 Datasheet HTML 490Page - Renesas Technology Corp H8S/2454 Datasheet HTML 491Page - Renesas Technology Corp H8S/2454 Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 1376 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 458 of 1342
REJ09B0467-0100
8.6
Usage Notes
(1) EXDMAC Register Access during Operation
Except for clearing the EDA bit to 0 in EDMDR, settings should not be changed for a channel in
operation (including the transfer standby state). Transfer must be disabled before changing a
setting for an operational channel.
(2) Module Stop State
When the MSTP14 bit is set to 1 in MSTPCRH, the EXDMAC clock stops and the EXDMAC
enters the module stop state. However, 1 cannot be written to the MSTP14 bit when any of the
EXDMAC’s channels is enabled for transfer, or when an interrupt is being requested. Before
setting the MSTP14 bit, first clear the EDA bit in EDMDR to 0, then clear the IRF or EDIE bit in
EDMDR to 0.
When the EXDMAC clock stops, EXDMAC registers can no longer be accessed. The following
EXDMAC register settings remain valid in the module stop state, and so should be changed, if
necessary, before making the module stop transition.
•
ETENDE = 1 in EDMDR (
ETEND pin enable)
•
EDRAKE = 1 in EDMDR (
EDRAK pin enable)
•
AMS = 1 in EDMDR (
EDACK pin enable)
(3)
EDREQ Pin Falling Edge Activation
Falling edge sensing on the
EDREQ pin is performed in synchronization with EXDMAC internal
operations, as indicated below.
[1] Activation request standby state: Waits for low level sensing on
EDREQ pin, then goes to [2].
[2] Transfer standby state: Waits for EXDMAC data transfer to become possible, then goes to [3].
[3] Activation request disabled state: Waits for high level sensing on
EDREQ pin, then goes to [1].
After EXDMAC transfer is enabled, the EXDMAC goes to state [1], so low level sensing is used
for the initial activation after transfer is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com