| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2454 Datasheet(PDF) 279 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 Datasheet(HTML) 279 Page - Renesas Technology Corp |
|
279 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 249 of 1342 REJ09B0467-0100 6.8.5 Synchronous DRAM Clock The synchronous clock (SDRAM φ) is output from the CS5 pin. SDRAMφ is shifted by 90° phase from φ. Therefore, a stable margin is ensured for the synchronous DRAM that operates at the rising edge of clocks. Figure 6.55 shows the relationship between φ and SDRAMφ. SDRAM φ φ Tcyc 1/4 Tcyc (90°) Figure 6.55 Relationship between φ and SDRAMφ 6.8.6 Basic Timing The four states of the basic timing consist of one T p (precharge cycle) state, one Tr (row address output cycle) state, and the T c1 and two Tc2 (column address output cycle) states. When areas 2 to 5 are set for the continuous synchronous DRAM space, settings of the WAITE bit of BCR, RAST, CAST, RCDM bits of DRAMCR, and the CBRM bit of REFCR are ignored. Figure 6.56 shows the basic timing for synchronous DRAM. |