| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2454 Datasheet(PDF) 283 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2454 Datasheet(HTML) 283 Page - Renesas Technology Corp |
|
283 / 1376 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 253 of 1342 REJ09B0467-0100 6.8.8 Row Address Output State Control When the command interval specification from the ACTV command to the next READ/WRIT command cannot be satisfied, 1 to 3 states (Trw) that output the NOP command can be inserted between the Tr cycle that outputs the ACTV command and the Tc1 cycle that outputs the column address by setting the RCD1 and RCD0 bits of DRACCR. Use the optimum setting for the wait time according to the synchronous DRAM connected and the operating frequency of this LSI. Figure 6.58 shows an example of the timing when the one Trw state is set. Tp SDRAM φ RAS Read CAS WE CKE PALL ACTV NOP READ NOP DQMU, DQML Data bus Address bus Tr Trw Tc1 Tcl Tc2 Row address Column address Column address Precharge-sel Row address High RAS Write CAS WE CKE PALL ACTV NOP NOP WRIT DQMU, DQML Data bus High φ Figure 6.58 Example of Access Timing when Row Address Output Hold State Is 1 State (RCD1 = 0, RCD0 = 1, SDWCD = 0, CAS Latency 2) |