Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 356 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 352Page - Renesas Technology Corp H8S/2111B Datasheet HTML 353Page - Renesas Technology Corp H8S/2111B Datasheet HTML 354Page - Renesas Technology Corp H8S/2111B Datasheet HTML 355Page - Renesas Technology Corp H8S/2111B Datasheet HTML 356Page - Renesas Technology Corp H8S/2111B Datasheet HTML 357Page - Renesas Technology Corp H8S/2111B Datasheet HTML 358Page - Renesas Technology Corp H8S/2111B Datasheet HTML 359Page - Renesas Technology Corp H8S/2111B Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 582 page
background image
Rev. 1.00, 05/04, page 322 of 544
Slave receive mode
End
Read IRIC flag in ICCR
Clear IRIC flag in ICCR
Read IRIC flag in ICCR
Read AASX, AAS and ADZ in ICSR
Read TRS in ICCR
Read IRIC flag in ICCR
Clear IRIC in ICCR
Clear IRIC flag in ICCR
Read ICDR
Read ICDR
General call address processing
* Description omitted
Set MST = 0
and TRS = 0 in ICCR
IRIC = 1?
No
Yes
Read IRIC flag in ICCR
Set ACKB = 1 in ICSR
IRIC = 1?
No
Yes
TRS = 1?
IRIC = 1?
Yes
Yes
No
Yes
No
AAS = 1
and ADZ = 1?
[1] Initialization. Select slave receive mode.
[2] Read the receive data remaining unread.
[3] to [7] Wait for one byte to be received (slave address + R/W)
[10] Read the receive data. The first read is a dummy read.
[9] Set acknowledge data for the last reception.
[8] Clear IRIC
[5] to [7] Wait for the reception to end.
[5] to [7] Wait for the reception to end or
[11] Detect stop condition.
Slave transmit mode
Last reception?
No
No
Yes
Read ICDR, clear IRIC flag
No
Yes
Initialize IIC
ICDRF = 1?
[8] Clear IRIC flag.
[8] Clear IRIC flag.
[10] Read the receive data.
Set ACKB = 0 in ICSR
and HNDS = 1 in ICXR
[12] Clear IRIC flag.
ESTP = 1 or
STOP = 1?
No
Yes
Clear IRIC in ICCR
[12] Confirm STOP bit.
Figure 13.17 Sample Flowchart for Operations in Slave Receive Mode (HNDS = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com