Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 383 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 383 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 379Page - Renesas Technology Corp H8S/2111B Datasheet HTML 380Page - Renesas Technology Corp H8S/2111B Datasheet HTML 381Page - Renesas Technology Corp H8S/2111B Datasheet HTML 382Page - Renesas Technology Corp H8S/2111B Datasheet HTML 383Page - Renesas Technology Corp H8S/2111B Datasheet HTML 384Page - Renesas Technology Corp H8S/2111B Datasheet HTML 385Page - Renesas Technology Corp H8S/2111B Datasheet HTML 386Page - Renesas Technology Corp H8S/2111B Datasheet HTML 387Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 582 page
background image
IFKEY10A_000020020700
Rev. 1.00, 05/04, page 349 of 544
Section 14 Keyboard Buffer Controller
This LSI has three on-chip keyboard buffer controller channels. The keyboard buffer controller is
provided with functions conforming to the PS/2 interface specifications.
Data transfer using the keyboard buffer controller employs a data line (KD) and a clock line
(KCLK), providing economical use of connectors, board surface area, etc. Figure 14.1 shows a
block diagram of the keyboard buffer controller.
14.1
Features
• Conforms to PS/2 interface specifications
• Direct bus drive (via the KCLK and KD pins)
• Interrupt sources: on completion of data reception and on detection of clock edge
• Error detection: parity error and stop bit monitoring
KD
(PS2AD,
PS2BD,
PS2CD)
KDI
KCLKI
KDO
KCLKO
Parity
Register counter value
KBI interrupt
KCLK
(PS2AC,
PS2BC,
PS2CC)
[Legend]
KD:
KBC data I/O pin
KCLK:
KBC clock I/O pin
KBBR:
Keyboard data buffer register
KBCRH:
Keyboard control register H
KBCRL:
Keyboard control register L
Control
logic
KBBR
KBCRH
KBCRL
Internal
data bus
Figure 14.1 Block Diagram of Keyboard Buffer Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com