Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 385 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 381Page - Renesas Technology Corp H8S/2111B Datasheet HTML 382Page - Renesas Technology Corp H8S/2111B Datasheet HTML 383Page - Renesas Technology Corp H8S/2111B Datasheet HTML 384Page - Renesas Technology Corp H8S/2111B Datasheet HTML 385Page - Renesas Technology Corp H8S/2111B Datasheet HTML 386Page - Renesas Technology Corp H8S/2111B Datasheet HTML 387Page - Renesas Technology Corp H8S/2111B Datasheet HTML 388Page - Renesas Technology Corp H8S/2111B Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 582 page
background image
Rev. 1.00, 05/04, page 351 of 544
14.3
Register Descriptions
The keyboard buffer controller has the following registers for each channel.
• Keyboard control register H (KBCRH)
• Keyboard control register L (KBCRL)
• Keyboard data buffer register (KBBR)
14.3.1
Keyboard Control Register H (KBCRH)
KBCRH indicates the operating status of the keyboard buffer controller.
Bit
Bit Name
Initial
Value
R/W
Description
7
KBIOE
0
R/W
Keyboard In/Out Enable
Selects whether or not the keyboard buffer controller is
used.
0: The keyboard buffer controller is non-operational
(KCLK and KD signal pins have port functions)
1: The keyboard buffer controller is enabled for
transmission and reception (KCLK and KD signal
pins are in the bus drive state)
6
KCLKI
1
R/W
Keyboard Clock In
Monitors the KCLK I/O pin. This bit cannot be modified.
0: KCLK I/O pin is low
1: KCLK I/O pin is high
5
KDI
1
R/W
Keyboard Data In:
Monitors the KDI I/O pin. This bit cannot be modified.
0: KD I/O pin is low
1: KD I/O pin is high
4
KBFSEL
1
R/W
Keyboard Buffer Register Full Select
Selects whether the KBF bit is used as the keyboard
buffer register full flag or as the KCLK fall interrupt flag.
When KBFSEL is cleared to 0, the KBE bit in KBCRL
should be cleared to 0 to disable reception.
0: KBF bit is used as KCLK fall interrupt flag
1: KBF bit is used as keyboard buffer register full flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com