Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 387 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 387 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 383Page - Renesas Technology Corp H8S/2111B Datasheet HTML 384Page - Renesas Technology Corp H8S/2111B Datasheet HTML 385Page - Renesas Technology Corp H8S/2111B Datasheet HTML 386Page - Renesas Technology Corp H8S/2111B Datasheet HTML 387Page - Renesas Technology Corp H8S/2111B Datasheet HTML 388Page - Renesas Technology Corp H8S/2111B Datasheet HTML 389Page - Renesas Technology Corp H8S/2111B Datasheet HTML 390Page - Renesas Technology Corp H8S/2111B Datasheet HTML 391Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 582 page
background image
Rev. 1.00, 05/04, page 353 of 544
14.3.2
Keyboard Control Register L (KBCRL)
KBCRL enables the receive counter count and controls the keyboard buffer controller pin output.
Bit
Bit Name
Initial
Value
R/W
Description
7
KBE
0
R/W
Keyboard Enable
Enables or disables loading of receive data into KBBR.
0: Loading of receive data into KBBR is disabled
1: Loading of receive data into KBBR is enabled
6
KCLKO
1
R/W
Keyboard Clock Out
Controls KBC clock I/O pin output.
0: KBC clock I/O pin is low
1: KBC clock I/O pin is high
5
KDO
1
R/W
Keyboard Data Out
Controls KBC data I/O pin output.
0: KBC data I/O pin is low
1: KBC data I/O pin is high
4
—
1
—
Reserved
This bit is always read as 1 and cannot be modified.
3
2
1
0
RXCR3
RXCR2
RXCR1
RXCR0
0
0
0
0
R
R
R
R
Receive Counter
These bits indicate the received data bit. Their value is
incremented on the fall of KCLK. These bits cannot be
modified.
The receive counter is initialized to 0000 by a reset and
when 0 is written in KBE. Its value returns to 0000 after
a stop bit is received.
0000: —
0001: Start bit
0010: KB0
0011: KB1
0100: KB2
0101: KB3
0110: KB4
0111: KB5
1000: KB6
1001: KB7
1010: Parity bit
1011: —
11- - : —



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com