Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 406 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 406 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 402Page - Renesas Technology Corp H8S/2111B Datasheet HTML 403Page - Renesas Technology Corp H8S/2111B Datasheet HTML 404Page - Renesas Technology Corp H8S/2111B Datasheet HTML 405Page - Renesas Technology Corp H8S/2111B Datasheet HTML 406Page - Renesas Technology Corp H8S/2111B Datasheet HTML 407Page - Renesas Technology Corp H8S/2111B Datasheet HTML 408Page - Renesas Technology Corp H8S/2111B Datasheet HTML 409Page - Renesas Technology Corp H8S/2111B Datasheet HTML 410Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 582 page
background image
Rev. 1.00, 05/04, page 372 of 544
R/W
Bit
Bit Name
Initial
Value Slave Host Description
4
FGA20E
0
R/W
—
Fast A20 Gate Function Enable
Enables or disables the fast A20 gate function. When
the fast A20 gate is disabled, the normal A20 gate can
be implemented by firmware operation of the P81
output.
When the fast A20 gate function is enabled, the DDR bit
for P81 must not be set to 1.
0: Fast A20 gate function disabled
• Other function of pin P81 is enabled
• GA20 output internal state is initialized to 1
1: Fast A20 gate function enabled
• GA20 pin output is open-drain (external VCC pull-up
resistor required)
3
SDWNE
0
R/W
—
LPC Software Shutdown Enable
Controls host interface shutdown. For details of the LPC
shutdown function, and the scope of initialization by an
LPC reset and an LPC shutdown, see section 15.4.4,
Host Interface Shutdown Function (LPCPD).
0: Normal state, LPC software shutdown setting enabled
[Clearing conditions]
• Writing 0
• LPC hardware reset or LPC software reset
• LPC hardware shutdown release (rising edge of
LPCPD signal)
1: LPC hardware shutdown state setting enabled
• Hardware shutdown state when
LPCPD signal is low
[Setting condition]
• Writing 1 after reading SDWNE = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com