Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 407 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 407 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 403Page - Renesas Technology Corp H8S/2111B Datasheet HTML 404Page - Renesas Technology Corp H8S/2111B Datasheet HTML 405Page - Renesas Technology Corp H8S/2111B Datasheet HTML 406Page - Renesas Technology Corp H8S/2111B Datasheet HTML 407Page - Renesas Technology Corp H8S/2111B Datasheet HTML 408Page - Renesas Technology Corp H8S/2111B Datasheet HTML 409Page - Renesas Technology Corp H8S/2111B Datasheet HTML 410Page - Renesas Technology Corp H8S/2111B Datasheet HTML 411Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 582 page
background image
Rev. 1.00, 05/04, page 373 of 544
R/W
Bit
Bit Name
Initial
Value Slave Host Description
2
PMEE
0
R/W
—
PME output Enable
Controls PME output in combination with the PMEB bit
in HICR1.
PME pin output is open-drain, and an external
pull-up resistor is needed to pull the output up to V
CC
When the PME output function is used, the DDR bit for
P80 must not be set to 1.
PMEE
PMEB
0
x: PME output disabled, other function of
pin is enabled
1
0: PME output enabled,
PME pin output
goes to 0 level
1
1: PME output enabled,
PME pin output is
high-impedance
1
LSMIE
0
R/W
—
LSMI output Enable
Controls LSMI output in combination with the LSMIB bit
in HICR1.
LSMI pin output is open-drain, and an external
pull-up resistor is needed to pull the output up to V
CC
When the LSMI output function is used, the DDR bit for
PB0 must not be set to 1.
LSMIE
LSMIB
0
x: LSMI output disabled, other function of
pin is enabled
1
0: LSMI output enabled,
LSMI pin output
goes to 0 level
1
1: LSMI output enabled,
LSMI pin output is
high-impedance
0
LSCIE
0
R/W
—
LSCI output Enable
Controls LSCI output in combination with the LSCIB bit
in HICR1. LSCI pin output is open-drain, and an external
pull-up resistor is needed to pull the output up to V
CC
When the LSCI output function is used, the DDR bit for
PB1 must not be set to 1.
LSCIE
LSCIB
0
x: LSCI output disabled, other function of
pin is enabled
1
0: LSCI output enabled, LSCI pin output
goes to 0 level
1
1: LSCI output enabled, LSCI pin output is
high-impedance
[Legend]
X:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com