Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 408 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 404Page - Renesas Technology Corp H8S/2111B Datasheet HTML 405Page - Renesas Technology Corp H8S/2111B Datasheet HTML 406Page - Renesas Technology Corp H8S/2111B Datasheet HTML 407Page - Renesas Technology Corp H8S/2111B Datasheet HTML 408Page - Renesas Technology Corp H8S/2111B Datasheet HTML 409Page - Renesas Technology Corp H8S/2111B Datasheet HTML 410Page - Renesas Technology Corp H8S/2111B Datasheet HTML 411Page - Renesas Technology Corp H8S/2111B Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 582 page
background image
Rev. 1.00, 05/04, page 374 of 544
• HICR1
R/W
Bit
Bit Name
Initial
Value Slave
Host Description
7
LPCBSY
0
R/W
—
LPC Busy
Indicates that the host interface is processing a transfer
cycle.
0: Host interface is in transfer cycle wait state
• Bus idle, or transfer cycle not subject to processing
is in progress
• Cycle type or address indeterminate during transfer
cycle
[Clearing conditions]
• LPC hardware reset or LPC software reset
• LPC hardware shutdown or LPC software shutdown
• Forced termination (abort) of transfer cycle subject
to processing
• Normal termination of transfer cycle subject to
processing
1: Host interface is performing transfer cycle processing
[Setting condition]
• Match of cycle type and address
6
CLKREQ
0
R
—
LCLK Request
Indicates that the host interface's SERIRQ output is
requesting a restart of LCLK.
0: No LCLK restart request
[Clearing conditions]
• LPC hardware reset or LPC software reset
• LPC hardware shutdown or LPC software shutdown
• SERIRQ is set to continuous mode
• There are no further interrupts for transfer to the
host in quiet mode
1: LCLK restart request issued
[Setting condition]
• In quiet mode, SERIRQ interrupt output becomes
necessary while LCLK is stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com