| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2111B Datasheet(PDF) 435 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B Datasheet(HTML) 435 Page - Renesas Technology Corp |
|
435 / 582 page ![]() Rev. 1.00, 05/04, page 401 of 544 15.4.4 Host Interface Shutdown Function (LPCPD) The host interface can be placed in the shutdown state according to the state of the LPCPD pin. There are two kinds of host interface shutdown state: LPC hardware shutdown and LPC software shutdown. The LPC hardware shutdown state is controlled by the LPCPD pin, while the software shutdown state is controlled by the SDWNB bit. In both states, the host interface enters the reset state by itself, and is no longer affected by external signals other than the LRESET and LPCPD signals. Placing the slave processor in sleep mode or software standby mode is effective in reducing current dissipation in the shutdown state. If software standby mode is set, some means must be provided for exiting software standby mode before clearing the shutdown state with the LPCPD signal. If the SDWNE bit has been set to 1 beforehand, the LPC hardware shutdown state is entered at the same time as the LPCPD signal falls, and prior preparation is not possible. If the LPC software shutdown state is set by means of the SDWNB bit, on the other hand, the LPC software shutdown state cannot be cleared at the same time as the rise of the LPCPD signal. Taking these points into consideration, the following operating procedure uses a combination of LPC software shutdown and LPC hardware shutdown. 1. Clear the SDWNE bit to 0. 2. Set the ERRIE bit to 1 and wait for an interrupt by the SDWN flag. 3. When an ERRI interrupt is generated by the SDWN flag, check the host interface internal status flags and perform any necessary processing. 4. Set the SDWNB bit to 1 to set LPC software standby mode. 5. Set the SDWNE bit to 1 and make a transition to LPC hardware standby mode. The SDWNB bit is cleared automatically. 6. Check the state of the LPCPD signal to make sure that the LPCPD signal has not risen during steps 3 to 5. If the signal has risen, clear SDWNE to 0 to return to the state in step 1. 7. Place the slave processor in sleep mode or software standby mode as necessary. 8. If software standby mode has been set, exit software standby mode by some means independent of the LPC. 9. When a rising edge is detected in the LPCPD signal, the SDWNE bit is automatically cleared to 0. If the slave processor has been placed in sleep mode, the mode is exited by means of LRESET signal input, on completion of the LPC transfer cycle, or by some other means. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |