Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 437 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 433Page - Renesas Technology Corp H8S/2111B Datasheet HTML 434Page - Renesas Technology Corp H8S/2111B Datasheet HTML 435Page - Renesas Technology Corp H8S/2111B Datasheet HTML 436Page - Renesas Technology Corp H8S/2111B Datasheet HTML 437Page - Renesas Technology Corp H8S/2111B Datasheet HTML 438Page - Renesas Technology Corp H8S/2111B Datasheet HTML 439Page - Renesas Technology Corp H8S/2111B Datasheet HTML 440Page - Renesas Technology Corp H8S/2111B Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 582 page
background image
Rev. 1.00, 05/04, page 403 of 544
The scope of the initialization in each mode is shown in table 15.6.
Table 15.6
Scope of Initialization in Each Host Interface Mode
Items Initialized
System
Reset
LPC Reset
LPC
Shutdown
LPC transfer cycle sequencer (internal state), LPCBSY and
ABRT flags
Initialized
Initialized
Initialized
SERIRQ transfer cycle sequencer (internal state), CLKREQ and
IRQBSY flags
Initialized
Initialized
Initialized
Host interface flags
(IBF1, IBF2, IBF3A, IBF3B, MWMF, C/
D1, C/D2, C/D3, OBF1,
OBF2, OBF3A, OBF3B, SWMF, DBU), GA20 (internal state)
Initialized
Initialized
Retained
Host interrupt enable bits
(IRQ1E1, IRQ12E1, SMIE2, IRQ6E2,
IRQ9E2 to IRQ11E2, SMIE3B, SMIE3A, IRQ6E3, IRQ9E3 to
IRQ11E3), Q/
C flag, SELREQ bit
Initialized
Initialized
Retained
LRST flag
Initialized
(0)
Can be
set/cleared
Can be
set/cleared
SDWN flag
Initialized
(0)
Initialized
(0)
Can be
set/cleared
LRSTB bit
Initialized
(0)
HR: 0
SR: 1
0 (can be set)
SDWNB bit
Initialized
(0)
Initialized
(0)
HS: 0
SS: 1
SDWNE bit
Initialized
(0)
Initialized
(0)
HS: 1
SS: 0 or 1
Host interface operation control bits
(LPC3E to LPC1E, FGA20E, LADR3,
IBFIE1 to IBFIE3, PMEE, PMEB, LSMIE, LSMIB, LSCIE, LSCIB,
TWRE, SELSTR3, SELIRQ1, SELSMI, SELIRQ6, SELIRQ9,
SELIRQ10, SELIRQ11, SELIRQ12)
Initialized
Retained
Retained
LRESET signal
Input (port
function
Input
Input
LPCPD signal
Input
Input
LAD3 to LAD0,
LFRAME, LCLK, SERIRQ,
CLKRUN signals
Input
Hi-Z
PME, LSMI, LSCI, GA20 signals (when function is selected)
Output
Hi-Z
PME, LSMI, LSCI, GA20 signals (when function is not selected)
Port function
Port function
Note:
System reset: Reset by STBY input, RES input, or WDT overflow
LPC reset: Reset by LPC hardware reset (HR) or LPC software reset (SR)
LPC shutdown: Reset by LPC hardware shutdown (HS) or LPC software shutdown (SS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com