Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 439 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 435Page - Renesas Technology Corp H8S/2111B Datasheet HTML 436Page - Renesas Technology Corp H8S/2111B Datasheet HTML 437Page - Renesas Technology Corp H8S/2111B Datasheet HTML 438Page - Renesas Technology Corp H8S/2111B Datasheet HTML 439Page - Renesas Technology Corp H8S/2111B Datasheet HTML 440Page - Renesas Technology Corp H8S/2111B Datasheet HTML 441Page - Renesas Technology Corp H8S/2111B Datasheet HTML 442Page - Renesas Technology Corp H8S/2111B Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 582 page
background image
Rev. 1.00, 05/04, page 405 of 544
15.4.5
Host Interface Serialized Interrupt Operation (SERIRQ)
A host interrupt request can be issued from the host interface by means of the SERIRQ pin. In a
host interrupt request via the SERIRQ pin, LCLK cycles are counted from the start frame of the
serialized interrupt transfer cycle generated by the host or a peripheral function, and a request
signal is generated by the frame corresponding to that interrupt. The timing is shown in figure
15.6.
IRQ1
IRQ1
Host controller
None
None
SERIRQ
Drive source
LCLK
START
Start frame
IRQ0 frame
IRQ1 frame
IRQ2 frame
SL
or
H
HR
T
R
ST
R
ST
R
S
T
IRQ15
Host controller
None
None
SERIRQ
Driver
LCLK
START
STOP
IOCHCK frame
Stop frame
Next cycle
IRQ14 frame
IRQ15 frame
R
ST
R
ST
R
ST
R
T
H
I
[Legend]
H = Host control, SL = Slave control, R = Recovery, T = Turnaround, S = Sample
[Legend]
H = Host control, R = Recovery, T = Turnaround, S = Sample, I = Idle
Figure 15.6 SERIRQ Timing
The serialized interrupt transfer cycle frame configuration is as follows. Two of the states
comprising each frame are the recover state in which the SERIRQ signal is returned to the 1-level
at the end of the frame, and the turnaround state in which the SERIRQ signal is not driven. The
recover state must be driven by the host or slave processor that was driving the preceding state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com