Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 441 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 437Page - Renesas Technology Corp H8S/2111B Datasheet HTML 438Page - Renesas Technology Corp H8S/2111B Datasheet HTML 439Page - Renesas Technology Corp H8S/2111B Datasheet HTML 440Page - Renesas Technology Corp H8S/2111B Datasheet HTML 441Page - Renesas Technology Corp H8S/2111B Datasheet HTML 442Page - Renesas Technology Corp H8S/2111B Datasheet HTML 443Page - Renesas Technology Corp H8S/2111B Datasheet HTML 444Page - Renesas Technology Corp H8S/2111B Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 582 page
background image
Rev. 1.00, 05/04, page 407 of 544
15.4.6
Host Interface Clock Start Request (CLKRUN)
A request to restart the clock (LCLK) can be sent to the host processor by means of the
CLKRUN
pin. With LPC data transfer and SERIRQ in continuous mode, a clock restart is never requested
since the transfer cycles are initiated by the host. With SERIRQ in quiet mode, when a host
interrupt request is generated the
CLKRUN signal is driven and a clock (LCLK) restart request is
sent to the host. The timing for this operation is shown in figure 15.7.
CLK
CLKRUN
Pull-up enable
Drive by the host processor
Drive by the slave processor
1
2
3
4
5
6
Figure 15.7 Clock Start Request Timing
Cases other than SERIRQ in quiet mode when clock restart is required must be handled with a
different protocol, using the
PME signal, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com