Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 440 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 440 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 436Page - Renesas Technology Corp H8S/2111B Datasheet HTML 437Page - Renesas Technology Corp H8S/2111B Datasheet HTML 438Page - Renesas Technology Corp H8S/2111B Datasheet HTML 439Page - Renesas Technology Corp H8S/2111B Datasheet HTML 440Page - Renesas Technology Corp H8S/2111B Datasheet HTML 441Page - Renesas Technology Corp H8S/2111B Datasheet HTML 442Page - Renesas Technology Corp H8S/2111B Datasheet HTML 443Page - Renesas Technology Corp H8S/2111B Datasheet HTML 444Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 582 page
background image
Rev. 1.00, 05/04, page 406 of 544
Serial Interrupt Transfer Cycle
Frame
Count
Contents
Drive
Source
Number
of States
Notes
0
Start
Slave
Host
6
In quiet mode only, slave drive possible in first
state, then next 3 states 0-driven by host
1
IRQ0
Slave
3
2
IRQ1
Slave
3
Drive possible in LPC channel 1
3
SMI
Slave
3
Drive possible in LPC channels 2 and 3
4
IRQ3
Slave
3
5
IRQ4
Slave
3
6
IRQ5
Slave
3
7
IRQ6
Slave
3
Drive possible in LPC channels 2 and 3
8
IRQ7
Slave
3
9
IRQ8
Slave
3
10
IRQ9
Slave
3
Drive possible in LPC channels 2 and 3
11
IRQ10
Slave
3
Drive possible in LPC channels 2 and 3
12
IRQ11
Slave
3
Drive possible in LPC channels 2 and 3
13
IRQ12
Slave
3
Drive possible in LPC channel 1
14
IRQ13
Slave
3
15
IRQ14
Slave
3
16
IRQ15
Slave
3
17
IOCHCK
Slave
3
18
Stop
Host
Undefined
First, 1 or more idle states, then 2 or 3 states
0-driven by host
2 states: Quiet mode next
3 states: Continuous mode next
There are two modes—continuous mode and quiet mode—for serialized interrupts. The mode
initiated in the next transfer cycle is selected by the stop frame of the serialized interrupt transfer
cycle that ended before that cycle.
In continuous mode, the host initiates host interrupt transfer cycles at regular intervals. In quiet
mode, the slave processor with interrupt sources requiring a request can also initiate an interrupt
transfer cycle, in addition to the host. In quiet mode, since the host does not necessarily initiate
interrupt transfer cycles, it is possible to suspend the clock (LCLK) supply and enter the power-
down state. In order for a slave to transfer an interrupt request in this case, a request to restart the
clock must first be issued to the host. For details see section 15.4.6, Host Interface Clock Start
Request (CLKRUN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com