Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 445 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 441Page - Renesas Technology Corp H8S/2111B Datasheet HTML 442Page - Renesas Technology Corp H8S/2111B Datasheet HTML 443Page - Renesas Technology Corp H8S/2111B Datasheet HTML 444Page - Renesas Technology Corp H8S/2111B Datasheet HTML 445Page - Renesas Technology Corp H8S/2111B Datasheet HTML 446Page - Renesas Technology Corp H8S/2111B Datasheet HTML 447Page - Renesas Technology Corp H8S/2111B Datasheet HTML 448Page - Renesas Technology Corp H8S/2111B Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 582 page
background image
Rev. 1.00, 05/04, page 411 of 544
15.6
Usage Notes
15.6.1
Module Stop Mode Setting
LPC operation can be enabled or disabled using the module stop control register. The initial
setting is for LPC operation to be halted. Register access is enabled by canceling module stop
mode. For details, refer to section 20, Power-Down Modes.
15.6.2
Notes on Using Host Interface
The host interface provides buffering of asynchronous data from the host processor and slave
processor (this LSI), but an interface protocol that uses the flags in STR must be followed to avoid
data contention. For example, if the host and slave processor both try to access IDR or ODR at the
same time, the data will be corrupted. To prevent simultaneous accesses, IBF and OBF must be
used to allow access only to data for which writing has finished.
Unlike the IDR and ODR registers, the transfer direction is not fixed for the bidirectional data
registers (TWR). MWMF and SWMF are provided in STR to handle this situation. After writing
to TWR0, MWMF and SWMF must be used to confirm that the write authority for TWR1 to
TWR15 has been obtained.
Table 15.9 shows host address examples for LADR3 and registers, IDR3, ODR3, STR3,
TWR0MW, TWR0SW, and TWR1 to TWR15 when LADR3 = H'A24F and LADR3 = H'3FD0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com