Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 442 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 438Page - Renesas Technology Corp H8S/2111B Datasheet HTML 439Page - Renesas Technology Corp H8S/2111B Datasheet HTML 440Page - Renesas Technology Corp H8S/2111B Datasheet HTML 441Page - Renesas Technology Corp H8S/2111B Datasheet HTML 442Page - Renesas Technology Corp H8S/2111B Datasheet HTML 443Page - Renesas Technology Corp H8S/2111B Datasheet HTML 444Page - Renesas Technology Corp H8S/2111B Datasheet HTML 445Page - Renesas Technology Corp H8S/2111B Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 582 page
background image
Rev. 1.00, 05/04, page 408 of 544
15.5
Interrupt Sources
15.5.1
IBFI1, IBFI2, IBFI3, and ERRI
The host interface has four interrupt requests for the slave processor (this LSI): IBF1, IBF2, IBF3,
and ERRI. IBFI1, IBFI2, and IBFI3 are IDR receive complete interrupts for IDR1, IDR2, and
IDR3 and TWR, respectively. The ERRI interrupt indicates the occurrence of a special state such
as an LPC reset, LPC shutdown, or transfer cycle abort. An interrupt request is enabled by setting
the corresponding enable bit.
Table 15.7
Receive Complete Interrupts and Error Interrupt
Interrupt
Description
IBFI1
When IBFIE1 is set to 1 and IDR1 reception is completed
IBFI2
When IBFIE2 is set to 1 and IDR2 reception is completed
IBFI3
When IBFIE3 is set to 1 and IDR3 reception is completed, or when TWRE and
IBFIE3 are set to 1 and reception is completed up to TWR15
ERRI
When ERRIE is set to 1 and one of LRST, SDWN and ABRT is set to 1
15.5.2
SMI, HIRQ1, HIRQ6, HIRQ9, HIRQ10, HIRQ11, and HIRQ12
The host interface can request seven kinds of host interrupt by means of SERIRQ. HIRQ1 and
HIRQ12 are used on LPC channel 1 only, while SMI, HIRQ6, HIRQ9, HIRQ10, and HIRQ11 can
be requested from LPC channel 2 or 3.
There are two ways of clearing a host interrupt request.
When the IEDIR bit is cleared to 0 in SIRQCR0, host interrupt sources and LPC channels are all
linked to the host interrupt request enable bits. When the OBF flag is cleared to 0 by a read of
ODR or TWR15 by the host in the corresponding LPC channel, the corresponding host interrupt
enable bit is automatically cleared to 0, and the host interrupt request is cleared.
When the IEDIR bit is set to 1 in SIRQCR0, LPC channel 2 and 3 interrupt requests are dependent
only upon the host interrupt enable bits. The host interrupt enable bit is not cleared when OBF for
channel 2 or 3 is cleared. Therefore, SMIE2, SMIE3A and SMIE3B, IRQ6E2 and IRQ6E3,
IRQ9E2 and IRQ9E3, IRQ10E2 and IRQ10E3, and IRQ11E2 and IRQ11E3 lose their respective
functional differences. In order to clear a host interrupt request, it is necessary to clear the host
interrupt enable bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com