| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2111B Datasheet(PDF) 443 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B Datasheet(HTML) 443 Page - Renesas Technology Corp |
|
443 / 582 page ![]() Rev. 1.00, 05/04, page 409 of 544 Table 15.8 summarizes the methods of setting and clearing these bits, and figure 15.8 shows the processing flowchart. Table 15.8 HIRQ Setting and Clearing Conditions Host Interrupt Setting Condition Clearing Condition HIRQ1 (independent from IEDIR) Internal CPU writes to ODR1, then reads 0 from bit IRQ1E1 and writes 1 Internal CPU writes 0 to bit IRQ1E1, or host reads ODR1 HIRQ12 (independent from IEDIR) Internal CPU writes to ODR1, then reads 0 from bit IRQ12E1 and writes 1 Internal CPU writes 0 to bit IRQ12E1, or host reads ODR1 SMI (IEDIR = 0) Internal CPU • writes to ODR2, then reads 0 from bit SMIE2 and writes 1 • writes to ODR3, then reads 0 from bit SMIE3A and writes 1 • writes to TWR15, then reads 0 from bit SMIE3B and writes 1 Internal CPU • writes 0 to bit SMIE2, or host reads ODR2 • writes 0 to bit SMIE3A, or host reads ODR3 • writes 0 to bit SMIE3B, or host reads TWR15 SMI (IEDIR = 1) Internal CPU • reads 0 from bit SMIE2, then writes 1 • reads 0 from bit SMIE3A, then writes 1 • reads 0 from bit SMIE3B, then writes 1 Internal CPU • writes 0 to bit SMIE2 • writes 0 to bit SMIE3A • writes 0 to bit SMIE3B HIRQi (i = 6, 9, 10, 11) (IEDIR = 0) Internal CPU • writes to ODR2, then reads 0 from bit IRQiE2 and writes 1 • writes to ODR3, then reads 0 from bit IRQiE3 and writes 1 Internal CPU • writes 0 to bit IRQiE2, or host reads ODR2 • CPU writes 0 to bit IRQiE3, or host reads ODR3 HIRQi (i = 6, 9, 10, 11) (IEDIR = 1) Internal CPU • reads 0 from bit IRQiE2, then writes 1 • reads 0 from bit IRQiE3, then writes 1 Internal CPU • writes 0 to bit IRQiE2 • writes 0 to bit IRQiE3 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |