Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 472 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 472 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 468Page - Renesas Technology Corp H8S/2111B Datasheet HTML 469Page - Renesas Technology Corp H8S/2111B Datasheet HTML 470Page - Renesas Technology Corp H8S/2111B Datasheet HTML 471Page - Renesas Technology Corp H8S/2111B Datasheet HTML 472Page - Renesas Technology Corp H8S/2111B Datasheet HTML 473Page - Renesas Technology Corp H8S/2111B Datasheet HTML 474Page - Renesas Technology Corp H8S/2111B Datasheet HTML 475Page - Renesas Technology Corp H8S/2111B Datasheet HTML 476Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 472 / 582 page
background image
Rev. 1.00, 05/04, page 438 of 544
18.5.1
Flash Memory Control Register 1 (FLMCR1)
FLMCR1, used together with FLMCR2, makes the flash memory transit to program mode,
program-verify mode, erase mode, or erase-verify mode. For details on register setting, refer to
section 18.8, Flash Memory Programming/Erasing.FLMCR1 is initialized to H'80 by a reset, or in
hardware standby mode, software standby mode, sub-active mode, sub-sleep mode, or watch
mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
FWE
1
R
Flash Write Enable
Controls programming/erasing of on-chip flash
memory. This bit is always read as 0, and cannot be
modified.
6
SWE
0
R/W
Software Write Enable
When this bit is set to 1, flash memory
programming/erasing is enabled. When this bit is
cleared to 0, the EV, PV, E, and P bits in this register,
the ESU and PSU bits in FLMCR2, and all EBR1 and
EBR2 bits cannot be set to 1. Do not clear these bits
and SWE to 0 simultaneously.
5
4
—
—
0
0
R
R
Reserved
These bits are always read as 0 and cannot be
modified.
3
EV
0
R/W
Erase-Verify
When this bit is set to 1 while SWE = 1, the flash
memory transits to erase-verify mode. When it is
cleared to 0, erase-verify mode is cancelled.
2
PV
0
R/W
Program-Verify
When this bit is set to 1 while SWE = 1, the flash
memory transits to program-verify mode. When it is
cleared to 0, program-verify mode is cancelled.
1
E
0
R/W
Erase
When this bit is set to 1 while SWE = 1 and ESU = 1,
the flash memory transits to erase mode. When it is
cleared to 0, erase mode is cancelled.
0
P
0
R/W
Program
When this bit is set to 1 while SWE = 1 and PSU = 1,
the flash memory transits to program mode. When it is
cleared to 0, program mode is cancelled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com