Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 473 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 473 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 469Page - Renesas Technology Corp H8S/2111B Datasheet HTML 470Page - Renesas Technology Corp H8S/2111B Datasheet HTML 471Page - Renesas Technology Corp H8S/2111B Datasheet HTML 472Page - Renesas Technology Corp H8S/2111B Datasheet HTML 473Page - Renesas Technology Corp H8S/2111B Datasheet HTML 474Page - Renesas Technology Corp H8S/2111B Datasheet HTML 475Page - Renesas Technology Corp H8S/2111B Datasheet HTML 476Page - Renesas Technology Corp H8S/2111B Datasheet HTML 477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 582 page
background image
Rev. 1.00, 05/04, page 439 of 544
18.5.2
Flash Memory Control Register 2 (FLMCR2)
FLMCR2 monitors the state of flash memory programming/erasing protection (error protection)
and sets up the flash memory to transit to programming/erasing mode. FLMCR2 is initialized to
H'00 by a reset or in hardware standby mode. The ESU and PSU bits are cleared to 0 in software
standby mode, sub-active mode, sub-sleep mode, or watch mode, or when the SWE bit in
FLMCR1 is cleared to 0.
Bit
Bit Name
Initial
Value
R/W
Description
7
FLER
0
R
Flash memory error
Indicates that an error has occurred during flash
memory programming/erasing. When this bit is set to 1,
flash memory goes to the error-protection state.
For details, see section 18.9.3, Error Protection.
6 to 2
—
All 0
R/(W)
Reserved
The initial values should not be modified.
1
ESU
0
R/W
Erase Setup
When this bit is set to 1 while SWE = 1, the flash
memory transits to the erase setup state. When it is
cleared to 0, the erase setup state is cancelled. Set this
bit to 1 before setting the E bit in FLMCR1 to 1.
0
PSU
0
R/W
Program Setup
When this bit is set to 1 while SWE = 1, the flash
memory transits to the program setup state. When it is
cleared to 0, the program setup state is cancelled. Set
this bit to 1 before setting the P bit in FLMCR1 to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com