| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 334 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 334 Page - Renesas Technology Corp |
|
334 / 746 page ![]() Rev. 1.00, 09/03, page 296 of 704 Table 11.5 Switching of Internal Clocks and TCNT Operation (cont) No. Timing of Switchover by Means of CKS1 and CKS0 Bits TCNT Clock Operation 2 Clock switching from low to high level ∗2 Clock before switchover Clock after switchover TCNT clock TCNT CKS bit rewrite N N + 1 N + 2 3 Clock switching from high to low level ∗3 Clock before switchover Clock after switchover TCNT clock TCNT CKS bit rewrite N N + 1 N + 2 *4 4 Clock switching from high to high level Clock before switchover Clock after switchover TCNT clock TCNT CKS bit rewrite N N + 1 N + 2 Notes: 1. Includes switching from low to stop, and from stop to low. 2. Includes switching from stop to high. 3. Includes switching from high to stop. 4. Generated on the assumption that the switchover is a falling edge; TCNT is incremented. |