| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 61 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 61 Page - Renesas Technology Corp |
|
61 / 746 page ![]() Rev. 1.00, 09/03, page 23 of 704 2.4 Registers The H8S/2600 CPU has the internal registers shown in figure 2.6. There are two types of registers: general registers and control registers. Control registers are a 24-bit program counter (PC), an 8-bit extended register (EXR), an 8-bit condition code register (CCR), and a 64-bit multiply-accumulate register (MAC). T I2I1I0 EXR 76543210 PC MACH MACL MAC 23 63 32 41 31 0 0 15 0 7 0 7 0 E0 E1 E2 E3 E4 E5 E6 E7 R0H R1H R2H R3H R4H R5H R6H R7H R0L R1L R2L R3L R4L R5L R6L R7L SP: PC: EXR: T: I2 to I0: CCR: I: UI: Stack pointer Program counter Extended register Trace bit Interrupt mask bits Condition-code register Interrupt mask bit User bit or interrupt mask bit* Half-carry flag User bit Negative flag Zero flag Overflow flag Carry flag Multiply-accumulate register ER0 ER1 ER2 ER3 ER4 ER5 ER6 ER7 (SP) IUI H U N ZV C CCR 76543210 H: U: N: Z: V: C: MAC: General Registers (Rn) and Extended Registers (En) Control Registers (CR) [Legend] Sign extension ---- Note: * UI cannot be used as an interrupt mask bit in this LSI. Figure 2.6 CPU Registers |