Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 36 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 32Page - Renesas Technology Corp H8S/2437 Datasheet HTML 33Page - Renesas Technology Corp H8S/2437 Datasheet HTML 34Page - Renesas Technology Corp H8S/2437 Datasheet HTML 35Page - Renesas Technology Corp H8S/2437 Datasheet HTML 36Page - Renesas Technology Corp H8S/2437 Datasheet HTML 37Page - Renesas Technology Corp H8S/2437 Datasheet HTML 38Page - Renesas Technology Corp H8S/2437 Datasheet HTML 39Page - Renesas Technology Corp H8S/2437 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 746 page
background image
Rev. 1.00, 09/03, page xxxvi of xxxviii
Section 14 Duty Measurement Circuit
Table 14.1
Pin Configuration.................................................................................................. 401
Table 14.2
Interrupt Sources for Duty Measurement Circuit.................................................. 410
Table 14.3
Switching of Internal Clock and TWCNT Operation ........................................... 412
Table 14.4
Switching of External Event Signal and Operation of Edge Detection Circuit..... 414
Section 15 Watchdog Timer (WDT)
Table 15.1
Interrupt Source .................................................................................................... 422
Section 16 Serial Communication Interface (SCI)
Table 16.1
Pin Configuration.................................................................................................. 427
Table 16.2
Relationships between N Setting in BRR and Bit Rate B ..................................... 436
Table 16.3
Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (1) ...... 437
Table 16.3
Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (2) ...... 438
Table 16.3
Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (3) ...... 439
Table 16.4
Maximum Bit Rate for Each Operating Frequency (Asynchronous Mode).......... 440
Table 16.5
Maximum Bit Rate with External Clock Input (Asynchronous Mode) ................ 440
Table 16.6
BRR Settings for Various Bit Rates (Clocked Synchronous Mode)..................... 441
Table 16.7
Maximum Bit Rate with External Clock Input (Clocked Synchronous Mode) .... 441
Table 16.8
Serial Transfer Formats (Asynchronous Mode).................................................... 443
Table 16.9
SSR Status Flags and Receive Data Handling ...................................................... 450
Table 16.10
SCI Interrupt Sources............................................................................................ 468
Section 17 I
2C Bus Interface 3 (IIC3)
Table 17.1
Pin Configuration.................................................................................................. 478
Table 17.2
Transfer Rate......................................................................................................... 480
Table 17.3
Interrupt Requests ................................................................................................. 505
Table 17.4
Time for Monitoring SCL ..................................................................................... 506
Section 18 A/D Converter
Table 18.1
Pin Configuration.................................................................................................. 509
Table 18.2
Analog Input Channels and Corresponding ADDR .............................................. 510
Table 18.3
A/D Conversion Time (Single Mode)................................................................... 516
Table 18.4
A/D Conversion Time (Scan Mode) ..................................................................... 516
Table 18.5
A/D Converter Interrupt Source............................................................................ 517
Table 18.6
Analog Pin Specifications..................................................................................... 522
Section 20 Flash Memory (0.18-
µµµµm F-ZTAT Version)
Table 20.1
Comparison of Programming Modes .................................................................... 528
Table 20.2
Pin Configuration.................................................................................................. 533
Table 20.3
Registers/Parameters and Target Modes............................................................... 534
Table 20.4
Parameters and Target Modes............................................................................... 542
Table 20.5
Setting On-Board Programming Mode ................................................................. 551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More