| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 57 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 57 Page - Renesas Technology Corp |
|
57 / 746 page ![]() Rev. 1.00, 09/03, page 19 of 704 H'0000 H'0001 H'0002 H'0003 H'0004 H'0005 H'0006 H'0007 H'0008 H'0009 H'000A H'000B Reset exception-handling vector (Reserved for system use) (Reserved for system use) Exception-handling vector 1 Exception-handling vector 2 Exception-handling vector table Figure 2.1 Exception-Handling Vector Table (Normal Mode) PC (16 bits) EXR*1 Reserved*1,*3 CCR CCR*3 PC (16 bits) SP SP (SP* 2 1. When EXR is not used, it is not stored on the stack. 2. SP when EXR is not used. 3. lgnored when returning. Notes: (b) Exception Handling (a) Subroutine Branch ) Figure 2.2 Stack Structure in Normal Mode |