| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 34 Page - Renesas Technology Corp |
|
34 / 746 page ![]() Rev. 1.00, 09/03, page xxxiv of xxxviii Table 6.4 Address Range and External Address Area (Multiplex Extended Mode)................... 99 Table 6.5 Bus Specifications for Multiplex Extended Bus Interface (Address Cycle) ............... 99 Table 6.6 Bus Specifications for Multiplex Extended Bus Interface (Data Cycle)..................... 99 Table 6.7 Data Buses Used and Valid Strobes.......................................................................... 104 Table 6.8 Pin States in Idle Cycle ............................................................................................. 129 Section 7 I/O Ports Table 7.1 Port Functions (1) ..................................................................................................... 132 Table 7.1 Port Functions (2) ..................................................................................................... 133 Table 7.1 Port Functions (3) ..................................................................................................... 134 Table 7.1 Port Functions (4) ..................................................................................................... 135 Table 7.1 Port Functions (5) ..................................................................................................... 136 Table 7.2 Port 1 Input Pull-Up MOS States.............................................................................. 142 Table 7.3 Port 2 Input Pull-Up MOS States.............................................................................. 154 Table 7.4 Port 3 Input Pull-Up MOS States.............................................................................. 161 Table 7.5 Port 6 Input Pull-Up MOS States.............................................................................. 181 Section 8 8-Bit PWM Timer (PWM) Table 8.1 Pin Configuration...................................................................................................... 218 Table 8.2 Internal Clock Selection............................................................................................ 220 Table 8.3 Resolution, PWM Conversion Period, and Carrier Frequency when φ = 20 MHz ...220 Table 8.4 Duty Cycle of Basic Pulse ........................................................................................ 223 Table 8.5 Position of Pulses Added to Basic Pulses ................................................................. 224 Section 9 14-Bit PWM Timer (PWMX) Table 9.1 Pin Configuration...................................................................................................... 226 Table 9.2 Clock Selection of PWMX ....................................................................................... 231 Table 9.3 Access Method for Reading/Writing 16-Bit Registers ............................................. 232 Table 9.4 Settings and Operation (Examples when φ = 20 MHz).............................................234 Table 9.5 Locations of Additional Pulses Added to Base Pulse (when CFS = 1)..................... 238 Section 10 16-Bit Free-Running Timer (FRT) Table 10.1 Pin Configuration.................................................................................................. 241 Table 10.2 FRT Interrupt Sources........................................................................................... 260 Table 10.3 Switching of Internal Clock and FRC Operation .................................................. 265 Section 11 8-Bit Timer (TMR) Table 11.1 Pin Configuration.................................................................................................. 270 Table 11.2 Clock Input to TCNT and Count Condition.......................................................... 275 Table 11.3 Interrupt Sources of 8-Bit Timers TMR0, TMR1, TMRY, and TMRX ............... 291 Table 11.4 Timer Output Priorities ......................................................................................... 295 Table 11.5 Switching of Internal Clocks and TCNT Operation.............................................. 295 Table 11.5 Switching of Internal Clocks and TCNT Operation (cont) ................................... 296 |