| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 50 Page - Renesas Technology Corp |
|
50 / 746 page ![]() Rev. 1.00, 09/03, page 12 of 704 Type Symbol Pin No. I/O Name and Function 16-bit timer pulse unit (TPU) TCLKA to TCLKD ExTCLKA to ExTCLKD 107, 109, 111, 112 96, 22, 14, 17 Input External clock input pins. Selectable to which pin of TCLKn or ExTCLKn to input external clocks. TIOCA0 TIOCB0 TIOCC0 TIOCD0 ExTIOCA0 ExTIOCB0 ExTIOCC0 ExTIOCD0 114 113 112 111 88 87 96 22 I/O Input capture input/output compare output/PWM output pins for TGR0A to TGR0D. Selectable to/from which pin of TIOCn0 or ExTIOCn0 to input/output input capture, output compare, and PWM. TIOCA1 TIOCB1 ExTIOCA1 ExTIOCB1 110 109 91 14 I/O Input capture input/output compare output/PWM output pins for TGR1A to TGR1D. Selectable to/from which pin of TIOCn1 or ExTIOCn1 to input/output input capture, output compare, and PWM. TIOCA2 TIOCB2 ExTIOCA2 ExTIOCB2 108 107 15 17 I/O Input capture input/output compare output/PWM output pins for TGR2A to TGR2D. Selectable to/from which pin of TIOCn2 or ExTIOCn2 to input/output input capture, output compare, and PWM. Timer connection VSYNCI_0 VSYNCI_1 HSYNCI_0 HSYNCI_1 CSYNCI_0 CSYNCI_1 HFBACKI VFBACKI 84 80 85 81 82 79 92 93 Input Synchronization signal input pins for the timer connection VSYNCO HSYNCO CLAMPO CBLANK 77 78 94 95 Output Synchronization signal output pins for the timer connection Serial communi- cation interface (SCI) TxD0 to TxD4 42, 45, 6, 102, 100 Output Transmit data output pins RxD0 to RxD4 43, 46, 5, 101, 99 Input Receive data input pins SCK0 to SCK4 41, 44, 7, 79, 97 I/O Clock input/output pins. |