Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 386 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 386 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 382Page - Renesas Technology Corp H8S/2437 Datasheet HTML 383Page - Renesas Technology Corp H8S/2437 Datasheet HTML 384Page - Renesas Technology Corp H8S/2437 Datasheet HTML 385Page - Renesas Technology Corp H8S/2437 Datasheet HTML 386Page - Renesas Technology Corp H8S/2437 Datasheet HTML 387Page - Renesas Technology Corp H8S/2437 Datasheet HTML 388Page - Renesas Technology Corp H8S/2437 Datasheet HTML 389Page - Renesas Technology Corp H8S/2437 Datasheet HTML 390Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 746 page
background image
Rev. 1.00, 09/03, page 348 of 704
12.6
Interrupt Sources
12.6.1
Interrupt Source and Priority
There are three kinds of TPU interrupt source: TGR input capture/compare match, TCNT
overflow, and TCNT underflow. Each interrupt source has its own status flag and enable/disable
bit, allowing generation of interrupt request signals to be enabled or disabled individually.
When an interrupt source is generated, the corresponding status flag in TSR is set to 1. If the
corresponding enable/disable bit in TIER is set to 1 at this time, an interrupt is requested. The
interrupt request is cleared by clearing the status flag to 0. Relative channel priorities can be
changed by the interrupt controller, but the priority within a channel is fixed. For details, see
section 5, Interrupt Controller. Table 12.25 lists the TPU interrupt sources.
Table 12.25 TPU Interrupts
Channel Name
Interrupt Source
Interrupt Flag
Priority*
TGI0A
TGRA_0 input capture/compare match
TGFA
High
TGI0B
TGRB_0 input capture/compare match
TGFB
TGI0C
TGRC_0 input capture/compare match
TGFC
TGI0D
TGRD_0 input capture/compare match
TGFD
0
TCI0V
TCNT_0 overflow
TCFV
TGI1A
TGRA_1 input capture/compare match
TGFA
TGI1B
TGRB_1 input capture/compare match
TGFB
TCI1V
TCNT_1 overflow
TCFV
1
TCI1U
TCNT_1 underflow
TCFU
TGI2A
TGRA_2 input capture/compare match
TGFA
TGI2B
TGRB_2 input capture/compare match
TGFB
TCI2V
TCNT_2 overflow
TCFV
2
TCI2U
TCNT_2 underflow
TCFU
Low
Note:
*
This table shows the initial state immediately after a reset. The relative channel
priorities can be changed by the interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com