Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 398 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 394Page - Renesas Technology Corp H8S/2437 Datasheet HTML 395Page - Renesas Technology Corp H8S/2437 Datasheet HTML 396Page - Renesas Technology Corp H8S/2437 Datasheet HTML 397Page - Renesas Technology Corp H8S/2437 Datasheet HTML 398Page - Renesas Technology Corp H8S/2437 Datasheet HTML 399Page - Renesas Technology Corp H8S/2437 Datasheet HTML 400Page - Renesas Technology Corp H8S/2437 Datasheet HTML 401Page - Renesas Technology Corp H8S/2437 Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 746 page
background image
Rev. 1.00, 09/03, page 360 of 704
Contention between TGR Read and Input Capture:
If the input capture signal is generated in the T1 state of a TGR read cycle, the data that is read
will be the data after input capture transfer. Figure 12.51 shows the timing in this case.
Input capture
signal
Read signal
Address
φ
TGR address
TGR
TGR read cycle
T
1
T
2
M
Internal
data bus
X
M
Figure 12.51 Contention between TGR Read and Input Capture
Contention between TGR Write and Input Capture:
If the input capture signal is generated in the T2 state of a TGR write cycle, the input capture
operation takes priority and the write to TGR is not performed. Figure 12.52 shows the timing in
this case.
Input capture
signal
Write signal
Address
φ
TCNT
TGR write cycle
T
1
T
2
M
TGR
M
TGR address
Figure 12.52 Contention between TGR Write and Input Capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com