Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 482 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 478Page - Renesas Technology Corp H8S/2437 Datasheet HTML 479Page - Renesas Technology Corp H8S/2437 Datasheet HTML 480Page - Renesas Technology Corp H8S/2437 Datasheet HTML 481Page - Renesas Technology Corp H8S/2437 Datasheet HTML 482Page - Renesas Technology Corp H8S/2437 Datasheet HTML 483Page - Renesas Technology Corp H8S/2437 Datasheet HTML 484Page - Renesas Technology Corp H8S/2437 Datasheet HTML 485Page - Renesas Technology Corp H8S/2437 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 746 page
background image
Rev. 1.00, 09/03, page 444 of 704
16.4.2
Receive Data Sampling Timing and Reception Margin in Asynchronous Mode
In asynchronous mode, the SCI operates on a basic clock with a frequency of 16 times the bit rate.
In reception, the SCI samples the falling edge of the start bit using the basic clock, and performs
internal synchronization. If receive data is sampled at the rising edge of the 8th pulse of the basic
clock, data is latched at the middle of each bit, as shown in figure 16.3. Thus the reception margin
in asynchronous mode is determined by formula (1) below.
M = (0.5 –
) –
– (L – 0.5) F } × 100
[%]
... Formula (1)
2N
1
N
D – 0.5
M: Reception margin (%)
N : Ratio of bit rate to clock (N = 16)
D : Clock duty (D = 0.5 to 1.0)
L : Frame length (L = 9 to 12)
F : Absolute value of clock rate deviation
}
Assuming values of F = 0 and D = 0.5 in formula (1), the reception margin is determined by the
formula below.
M = {0.5 – 1/(2 × 16)} × 100
[%] = 46.875 %
However, this is only the computed value, and a margin of 20% to 30% should be allowed in
system design.
Internal
basic clock
16 clocks
8 clocks
Receive data
(RxD)
Synchronization
sampling timing
Start bit
D0
D1
Data sampling
timing
15 0
7
15 0
07
Figure 16.3 Receive Data Sampling Timing in Asynchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com