Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 489 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 489 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 485Page - Renesas Technology Corp H8S/2437 Datasheet HTML 486Page - Renesas Technology Corp H8S/2437 Datasheet HTML 487Page - Renesas Technology Corp H8S/2437 Datasheet HTML 488Page - Renesas Technology Corp H8S/2437 Datasheet HTML 489Page - Renesas Technology Corp H8S/2437 Datasheet HTML 490Page - Renesas Technology Corp H8S/2437 Datasheet HTML 491Page - Renesas Technology Corp H8S/2437 Datasheet HTML 492Page - Renesas Technology Corp H8S/2437 Datasheet HTML 493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 746 page
background image
Rev. 1.00, 09/03, page 451 of 704
Yes
<End>
[1]
No
Initialization
Start reception
[2]
No
Yes
Read RDRF flag in SSR
[4]
[5]
Clear RE bit in SCR to 0
Read ORER, PER, and
FER flags in SSR
Error processing
(Continued on next page)
[3]
Read receive data in RDR, and
clear RDRF flag in SSR to 0
No
Yes
PER
FER
ORER = 1
RDRF = 1
All data received?
[1] SCI initialization:
The RxD pin is automatically
designated as the receive data input
pin.
[2] [3] Receive error processing and break
detection:
If a receive error occurs, read the
ORER, PER, and FER flags in SSR to
identify the error. After performing the
appropriate error processing, ensure
that the ORER, PER, and FER flags are
all cleared to 0. Reception cannot be
resumed if any of these flags are set to
1. In the case of a framing error, a
break can be detected by reading the
value of the input port corresponding to
the RxD pin.
[4] SCI status check and receive data read:
Read SSR and check that RDRF = 1,
then read the receive data in RDR and
clear the RDRF flag to 0. Transition of
the RDRF flag from 0 to 1 can also be
identified by an RXI interrupt.
[5] Serial reception continuation procedure:
To continue serial reception, before the
stop bit for the current frame is
received, read the RDRF flag, read
RDR, and clear the RDRF flag to 0.
[Legend]
: Logical add (OR)
Figure 16.9 Sample Serial Reception Flowchart (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com