| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 129 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 129 Page - Renesas Technology Corp |
|
129 / 746 page ![]() BSCS200A_000020020300 Rev. 1.00, 09/03, page 91 of 704 Section 6 Bus Controller (BSC) This LSI has an on-chip bus controller (BSC) that manages the bus width and the number of access states of the external address space. 6.1 Features • Extended modes Two modes for external extension Normal extended mode: Normal extension (when the ADMXE bit in BCR is 0) Address-data multiplex extended mode: Multiplex extension (when the ADMXE bit in BCR is 1) • Extended area division The external address space is divided into a basic area, and three 64-kbyte areas The basic area and area 1 are for common settings. Area 2 and 3 bus specifications can be set independently Areas 1, 2, and 3 enable chip-select ( CS1 to CS3) output A maximum of 16 addresses can be output • Area select signal, address strobe/hold signal polarity control • It is possible to reverse the output polarity of CS1 to CS3 and AS/AH by the PNCCS bit in BCRAn or the PNCASH bit in BCR Normal Extension: Address output pins (A15 to A0) and data input/output pins (D15 to D0) are separate • Usable areas Basic area and areas 1, 2, and 3 are all usable • Normal extended bus interface Selection between 2-state access area and 3-state access area is possible Program wait state insert is possible • Idle cycle insertion Idle cycle insert is possible during the external write cycle, directly after external read cycle. |