Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 142 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 138Page - Renesas Technology Corp H8S/2437 Datasheet HTML 139Page - Renesas Technology Corp H8S/2437 Datasheet HTML 140Page - Renesas Technology Corp H8S/2437 Datasheet HTML 141Page - Renesas Technology Corp H8S/2437 Datasheet HTML 142Page - Renesas Technology Corp H8S/2437 Datasheet HTML 143Page - Renesas Technology Corp H8S/2437 Datasheet HTML 144Page - Renesas Technology Corp H8S/2437 Datasheet HTML 145Page - Renesas Technology Corp H8S/2437 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 746 page
background image
Rev. 1.00, 09/03, page 104 of 704
6.5.2
Valid Strobes
Table 6.7 shows the data buses used and valid strobes for each access space.
In a read, the
RD signal is valid for both the upper and lower halves of the data bus. In a write, the
HWR signal is valid for the upper half of the data bus, and the LWR signal for the lower half.
Table 6.7
Data Buses Used and Valid Strobes
Area
Access
Size
Read/
Write
Address
Valid
Strobe
Upper Data Bus
(D15 to D8/AD15
to AD8)
Lower Data Bus
(D7 to D0/AD7 to
AD0)
8-bit access
Byte
Read
—
RD
Valid
Ports or others
space
Write
—
HWR
Ports or others
16-bit access Byte
Read
Even
RD
Valid
Invalid
space
Odd
Invalid
Valid
Write
Even
HWR
Valid
Undefined
Odd
LWR
Undefined
Valid
Word
Read
—
RD
Valid
Valid
Write
—
HWR, LWR Valid
Valid
Note:
Undefined:
Undefined data is output.
Invalid:
Input state with the input value ignored.
Ports or others:
Input/output pins for ports or on-chip peripheral devices cannot be used
as data buses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More