| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 242 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 242 Page - Renesas Technology Corp |
|
242 / 746 page ![]() Rev. 1.00, 09/03, page 204 of 704 • PA0/TMOX_0/ExPW6/SCK3 When the PW6S bit in PTCNT0 is set to 1, this pin can be used as the ExPW6 pin. According to the combination of the C/ A bit in SMR of the SCI_3, the CKE0 and CKE1 bits in SCR, the OS3 to OS0 bits in TCSR of the TMRX_0, the OE6 bit in PWOER of the PWM, the PW6S bit, and the PA0DDR bit, the pin function is switched as shown below. CKE1 0 1 C/ A 0 1 CKE0 0 1 OS3 to OS0 All 0 At least one bit is set to 1 PA0DDR 0 1 PW6S 0 1 OE6 0 1 Pin function PA0 input pin PA0 output pin PA0 output pin PW6 output pin TMOX_0 output pin SCK3 output pin SCK3 output pin SCK3 input pin |