| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 253 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 253 Page - Renesas Technology Corp |
|
253 / 746 page ![]() Rev. 1.00, 09/03, page 215 of 704 7.14.2 Port Control Register 1 (PTCNT1) PTCNT1 selects ports that also function as IRQ7 to IRQ0 input pins. Bit Bit Name Initial Value R/W Description 7 IRQ7S 0 R/W Selects the IRQ7 input pin. 0: P47/ IRQ7 is selected 1: P07/ ExIRQ7 is selected 6 IRQ6S 0 R/W Selects the IRQ6 input pin. 0: P46/ IRQ6 is selected 1: P06/ ExIRQ6 is selected 5 IRQ5S 0 R/W Selects the IRQ5 input pin. 0: P45/ IRQ5 is selected 1: P05/ ExIRQ5 is selected 4 IRQ4S 0 R/W Selects the IRQ4 input pin. 0: P44/ IRQ4 is selected 1: P04/ ExIRQ4 is selected 3 IRQ3S 0 R/W Selects the IRQ3 input pin. 0: P43/ IRQ3 is selected 1: P33/ ExIRQ3 is selected 2 IRQ2S 0 R/W Selects the IRQ2 input pin. 0: P42/ IRQ2 is selected 1: P32/ ExIRQ2 is selected 1 IRQ1S 0 R/W Selects the IRQ1 input pin. 0: P41/ IRQ1 is selected 1: P31/ ExIRQ1 is selected 0 IRQ0S 0 R/W Selects the IRQ0 input pin. 0: P40/ IRQ0 is selected 1: P30/ ExIRQ0 is selected |