Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 259 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 255Page - Renesas Technology Corp H8S/2437 Datasheet HTML 256Page - Renesas Technology Corp H8S/2437 Datasheet HTML 257Page - Renesas Technology Corp H8S/2437 Datasheet HTML 258Page - Renesas Technology Corp H8S/2437 Datasheet HTML 259Page - Renesas Technology Corp H8S/2437 Datasheet HTML 260Page - Renesas Technology Corp H8S/2437 Datasheet HTML 261Page - Renesas Technology Corp H8S/2437 Datasheet HTML 262Page - Renesas Technology Corp H8S/2437 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 746 page
background image
Rev. 1.00, 09/03, page 221 of 704
8.3.3
PWM Data Polarity Register (PWDPR)
PWDPR selects the PWM output phase.
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
OS7
OS6
OS5
OS4
OS3
OS2
OS1
OS0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Output Select 7 to 0
These bits select the PWM output phase. Bits OS7 to
OS0 correspond to outputs PW7 to PW0.
0: PWM direct output (PWDR value corresponds to high
width of output)
1: PWM inverted output (PWDR value corresponds to
low width of output)
8.3.4
PWM Output Enable Register (PWOER)
PWOER switches between PWM output and port output.
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
OE7
OE6
OE5
OE4
OE3
OE2
OE1
OE0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Output Enable 7 to 0
These bits, together with P1DDR, specify the P1n/PWn
pin state. Bits OE7 to OE0 correspond to outputs PW7
to PW0.
P1nDDR OEn: Pin state
0x: Port input
10: Port output or PWM 256/256 output
11: PWM output (0 to 255/256 output)
[Legend]
n = 7 to 0
x: Don't care
To perform PWM 256/256 output when DDR = 1 and OE = 0, the corresponding pin should be set
to port output. The corresponding pin can be set as port output when IOSE = 1 and CS256E = 0 in
SYSCR in single-chip mode or in extended mode with on-chip ROM enabled. Otherwise, it
should be noted that an address bus is output to the corresponding pin.
DR data is output when the corresponding pin is used as port output. A value corresponding to
PWM 256/256 output is determined by the OS bit, so the value should be set to DR beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More