| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 279 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 279 Page - Renesas Technology Corp |
|
279 / 746 page ![]() Rev. 1.00, 09/03, page 241 of 704 10.2 Input/Output Pins Table 10.1 lists the FRT input and output pins. Table 10.1 Pin Configuration Channel Name Symbol I/O Function 0 Counter clock input pin FTCI_0 Input FRC counter clock input Output compare A output pin FTOA_0 Output Output compare A output Output compare B output pin FTOB_0 Output Output compare B output Input capture A input pin FTIA_0 Input Input capture A input Input capture B input pin FTIB_0 Input Input capture B input Input capture C input pin FTIC_0 Input Input capture C input Input capture D input pin FTID_0 Input Input capture D input 1 Counter clock input pin FTCI_1 Input FRC counter clock input Output compare A output pin FTOA_1 Output Output compare A output Output compare B output pin FTOB_1 Output Output compare B output Input capture A input pin FTIA_1 Input Input capture A input Input capture B input pin FTIB_1 Input Input capture B input Input capture C input pin FTIC_1 Input Input capture C input Input capture D input pin FTID_1 Input Input capture D input Note: Channels 0 and 1 are omitted in this manual. 10.3 Register Descriptions The FRT has the following registers for each channel. • Free-running counter (FRC) • Output compare register A (OCRA) • Output compare register B (OCRB) • Input capture register A (ICRA) • Input capture register B (ICRB) • Input capture register C (ICRC) • Input capture register D (ICRD) • Output compare register AR (OCRAR) • Output compare register AF (OCRAF) • Output compare register DM (OCRDM) • Timer interrupt enable register (TIER) • Timer control/status register (TCSR) |