| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 284 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 284 Page - Renesas Technology Corp |
|
284 / 746 page ![]() Rev. 1.00, 09/03, page 246 of 704 Bit Bit Name Initial Value R/W Description 6 ICFB 0 R/(W)* Input Capture Flag B This status flag indicates that the FRC value has been transferred to ICRB by means of an input capture signal. When BUFEB = 1, ICFB indicates that the new FRC value has been transferred to ICRB by an input capture signal and the old ICRB value has been moved into ICRD. [Setting condition] When an input capture signal causes the FRC value to be transferred to ICRB [Clearing condition] Read ICFB when ICFB = 1, then write 0 to ICFB 5 ICFC 0 R/(W)* Input Capture Flag C This status flag indicates that the FRC value has been transferred to ICRC by means of an input capture signal. When BUFEA = 1, on occurrence of an input capture signal specified by the IEDGC bit at the FTIC input pin, ICFC is set but data is not transferred to ICRC. In buffer operation, ICFC can be used as an external interrupt signal by setting the ICICE bit to 1. [Setting condition] When an input capture signal occurs [Clearing condition] Read ICFC when ICFC = 1, then write 0 to ICFC 4 ICFD 0 R/(W)* Input Capture Flag D This status flag indicates that the FRC value has been transferred to ICRD by means of an input capture signal. When BUFEB = 1, on occurrence of an input capture signal specified by the IEDGD bit at the FTID input pin, ICFD is set but data is not transferred to ICRD. In buffer operation, ICFD can be used as an external interrupt signal by setting the ICIDE bit to 1. [Setting condition] When an input capture signal occurs [Clearing condition] Read ICFD when ICFD = 1, then write 0 to ICFD |