Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 312 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 308Page - Renesas Technology Corp H8S/2437 Datasheet HTML 309Page - Renesas Technology Corp H8S/2437 Datasheet HTML 310Page - Renesas Technology Corp H8S/2437 Datasheet HTML 311Page - Renesas Technology Corp H8S/2437 Datasheet HTML 312Page - Renesas Technology Corp H8S/2437 Datasheet HTML 313Page - Renesas Technology Corp H8S/2437 Datasheet HTML 314Page - Renesas Technology Corp H8S/2437 Datasheet HTML 315Page - Renesas Technology Corp H8S/2437 Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 746 page
background image
Rev. 1.00, 09/03, page 274 of 704
flag in TCSR is set to 1. Note however that comparison is disabled during the T2 state of a
TCORB write cycle. The timer output from the TMO pin can be freely controlled by this compare-
match B signal and the settings of the OS3 and OS2 bits in TCSR. TCORB is initialized to H'FF.
11.3.4
Timer Control Register (TCR)
TCR selects the TCNT clock source and the condition by which TCNT is cleared, and
enables/disables interrupt requests.
Bit
Bit Name Initial Value R/W Description
7
CMIEB
0
R/W Compare-Match Interrupt Enable B
Selects whether the CMFB interrupt request (CMIB) is
enabled or disabled when the CMFB flag in TCSR is set to
1.
0: CMFB interrupt request (CMIB) is disabled
1: CMFB interrupt request (CMIB) is enabled
6
CMIEA
0
R/W Compare-Match Interrupt Enable A
Selects whether the CMFA interrupt request (CMIA) is
enabled or disabled when the CMFA flag in TCSR is set to
1.
0: CMFA interrupt request (CMIA) is disabled
1: CMFA interrupt request (CMIA) is enabled
5
OVIE
0
R/W Timer Overflow Interrupt Enable
Selects whether the OVF interrupt request (OVI) is enabled
or disabled when the OVF flag in TCSR is set to 1.
0: OVF interrupt request (OVI) is disabled
1: OVF interrupt request (OVI) is enabled
4
3
CCLR1
CCLR0
0
0
R/W
R/W
Counter Clear 1, 0
Select the method by which TCNT is cleared.
00: Clearing is disabled
01: Cleared on compare-match A
10: Cleared on compare-match B
11: Cleared on rising edge of external reset input
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
Select the clock input to TCNT and count condition,
together with the ICKS1 and ICKS0 bits in TECR (ICKS1_1
and ICKS0_1 in channel 1, and ICKS1_0 and ICKS0_0 in
channel 0). For details, see table 11.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com